PART |
Description |
Maker |
A29L400UG-90U A29L400UV-90U A29L400TM-90 A29L400TM |
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory 12k × 8 256 × 16位的CMOS 3.0伏只,引导扇区闪 240 x 128 pixel format, LED or EL Backlight 128 x 64 pixel format, LED Backlight available Replaced by PT78ST109 : 9Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 CARRY CASE FOR 300 SERIES DMM 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
CAT28F020 CAT28F020-12 CAT28F020-70 CAT28F020-90 C |
150 x 32 pixel format, LED Backlight available 128 x 64 pixel format, White LED backlight 128 x 64 pixel format, White and Yellow-Green backlight 2 Megabit CMOS Flash Memory 2兆位闪存的CMOS High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 2兆位闪存的CMOS
|
http:// CATALYST[Catalyst Semiconductor] HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
GS300T48-5E GS300T48-5 |
128 x 128 pixel format, LED or EL Backlight available 300W DC-DC CONVERTER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SML50T47 |
128 x 128 pixel format, LED or EL Backlight available N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
SEMELAB LTD Seme LAB
|
QRF1410T30 QRD1410T30 QR1410T30 QRC1410T30 |
Fast Recovery Diode Module (100 Amp/1400 Volts) 61 A, 1400 V, SILICON, RECTIFIER DIODE 128 x 128 pixel format, LED or EL Backlight available 快速恢复二极管模块100 Amp/1400伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
AT25020A-10TQ-2.7 AT25010A-10PE-2.7 AT25010A-10PQ- |
128 x 64 pixel format, LED Backlight available SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
|
Atmel Corp. ATMEL Corporation
|
BAS70-04T-7 BAS70-05T-7 BAS70-06T-7 BAS70T-7 BAS70 |
SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.07 A, 70 V, 2 ELEMENT, SILICON, SIGNAL DIODE 128 x 128 pixel format, LED or EL Backlight available 表面贴装肖特基二极管 CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 200 A rms nominal, ±600 A range
|
http:// DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
QM30TX-H |
240 x 128 pixel format, LED or EL Backlight MEDIUM POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
2SC5010 2SC5010-T1 2SC5010-T1-T2 |
NPN epitaxial-type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD 128 x 128 pixel format, LED or EL Backlight available
|
NEC Corp.
|
CAT24C00JITE13 CAT24C00LETE13 CAT24C00LITE13 CAT24 |
320 x 240 pixel format, Chip-On-Glass Technology CONNECTOR ACCESSORY From old datasheet system 128-bit Serial EEPROM 128-bit, 100 kHz @ 1.8 V & 400 kHz @ 5.0 V, 5-pin SOT23 Package
|
Catalyst Semiconductor
|
3DFO 2DFO 1DFO 3DF0D27 2DF0D27 1DF0D27 3DF0T82 2DF |
128 x 128 pixel format, LED or EL Backlight available 低电容损耗角正切光盘 Low Dissipation Factor Disc Capacitors 低电容损耗角正切光盘 CAP 47UF 4V 16V TANT SMD-6032-15 TR-7 Pushbutton Switch; Leaded Process Compatible:Yes RoHS Compliant: Yes Telephone equipment, Telephones; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
S110-T3 S110-T1 SK14-T1 SK19-T3 SK12 SK12-T1 SK12- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 安培表面贴装肖特基整 128 x 128 pixel format, LED or EL Backlight available 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|